データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LTM4650-2 データシート(PDF) 17 Page - Analog Devices

部品番号 LTM4650-2
部品情報  Dual 25A or Single 50A μModule Regulator with Active Voltage Positioning
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

LTM4650-2 データシート(HTML) 17 Page - Analog Devices

Back Button LTM4650-2 Datasheet HTML 13Page - Analog Devices LTM4650-2 Datasheet HTML 14Page - Analog Devices LTM4650-2 Datasheet HTML 15Page - Analog Devices LTM4650-2 Datasheet HTML 16Page - Analog Devices LTM4650-2 Datasheet HTML 17Page - Analog Devices LTM4650-2 Datasheet HTML 18Page - Analog Devices LTM4650-2 Datasheet HTML 19Page - Analog Devices LTM4650-2 Datasheet HTML 20Page - Analog Devices LTM4650-2 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
LTM4650-2
17
Rev. 0
For more information www.analog.com
Figure 9. Output Coincident Tracking Waveform
TIME
MAIN OUTPUT
SUBORDINATE OUTPUT
46502 F09
APPLICATIONS INFORMATION
track with the main until it reaches its final value. The
main will continue to its final value from the subordinate’s
regulation point. Voltage tracking is disabled when VTRACK
is more than 0.6V. RTA in Figure 8 will be equal to the RFB
for coincident tracking. Figure 9 shows the coincident
tracking waveforms.
the LTM4650-2 is forced into continuous mode operation
as soon as VFB is below 0.54V, regardless of the setting
on the MODE_PLLIN pin.
Ratiometric tracking can be achieved by a few simple
calculations and the slew rate value applied to the main’s
TRACK pin. As mentioned above, the TRACK pin has a
control range from 0 to 0.6V. The main’s TRACK pin slew
rate is directly equal to the main’s output slew rate in
Volts/Time. The equation:
MR
SR
• 60.4k = RTB
where MR is the main’s output slew rate, and SR is the
subordinate’s output slew rate in Volts/Time. When coin-
cident tracking is desired, then MR and SR are equal. Thus
RTB is equal to the 60.4k. RTA is derived from the equation:
RTA =
0.6V
VFB
60.4k
+
VFB
RFB
VTRACK
RTB
where VFB is the feedback voltage reference of the regula-
tor, and VTRACK is 0.6V. Since RTB is equal to the 60.4k
top feedback resistor of the subordinate regulator in equal
slew rate or coincident tracking, then RTA is equal to RFB
with VFB = VTRACK. Therefore, RTB = 60.4k, and RTA =
60.4k in Figure 8.
In ratiometric tracking, a different slew rate may be
desired for the subordinate regulator. RTB can be solved
when SR is slower than MR. Make sure that the subordi-
nate supply slew rate is chosen to be fast enough so that
the subordinate output voltage will reach its final value
before the main output.
For example, MR = 1.5V/1ms, and SR = 1.2V/1ms. Then
RTB = 76.8k. Solve for RTA to equal to 49.9k.
Each of the TRACK pins will have the 1.3µA current source
on when a resistive divider is used to implement tracking
on that specific channel. This will impose an offset on the
TRACK pin input. Smaller values resistors with the same
ratios as the resistor values calculated from the above
equation can be used. For example, where the 60.4k is
used then a 6.04k can be used, to reduce the TRACK pin
offset to a negligible value.
The TRACK pin of the main can be controlled by a capaci-
tor placed on the main regulator TRACK pin to ground. A
1.3µA current source will charge the TRACK pin up to the
reference voltage and then proceed up to INTVCC. After
the 0.6V ramp, the TRACK pin will no longer be in con-
trol, and the internal voltage reference will control output
regulation from the feedback divider. The foldback current
limit is disabled during this sequence of turn-on during
tracking or soft-starting. The TRACK pins are pulled low
when the RUN pin is below 1.2V. The total soft-start time
can be calculated as:
tSOFT-START =
CSS
1.3µA
• 0.6
Regardless of the mode selected by the MODE_PLLIN
pin, the regulator channels will always start in pulse-
skipping mode up to TRACK = 0.5V. Between TRACK =
0.5V and 0.54V, it will operate in forced continuous mode
and revert to the selected mode once TRACK > 0.54V. To
track with another channel once in steady state operation,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com