データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STTH112 データシート(PDF) 5 Page - STMicroelectronics

部品番号 STTH112
部品情報  High voltage ultrafast rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH112 データシート(HTML) 5 Page - STMicroelectronics

  STTH112_07 Datasheet HTML 1Page - STMicroelectronics STTH112_07 Datasheet HTML 2Page - STMicroelectronics STTH112_07 Datasheet HTML 3Page - STMicroelectronics STTH112_07 Datasheet HTML 4Page - STMicroelectronics STTH112_07 Datasheet HTML 5Page - STMicroelectronics STTH112_07 Datasheet HTML 6Page - STMicroelectronics STTH112_07 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
STTH112
Package mechanical data
5/7
Figure 9.
Footprint (dimensions in mm)
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Table 6.
SMB dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A1
1.90
2.45
0.075
0.096
A2
0.05
0.20
0.002
0.008
b
1.95
2.20
0.077
0.087
c
0.15
0.40
0.006
0.016
D
3.30
3.95
0.130
0.156
E
5.10
5.60
0.201
0.220
E1
4.05
4.60
0.159
0.181
L
0.75
1.50
0.030
0.059
Table 7.
DO-41 dimensions
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.07
5.20
0.160
0.205
B
2.04
2.71
0.080
0.107
C28
1.102
D
0.712
0.863
0.028
0.034
E
C
L
E1
D
A1
A2
b
2.60
5.84
1.62
2.18
1.62
ØD
ØD
ØB
A
CC



Html Pages

1 2 3 4 5 6 7