データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCE-MSR405 データシート(PDF) 1 Page - PCE Instruments.

部品番号 PCE-MSR405
部品情報  Magnetic Stirrer PCE-MSR 405
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PCE [PCE Instruments.]
ホームページ  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-MSR405 データシート(HTML) 1 Page - PCE Instruments.

  PCE-MSR405 Datasheet HTML 1Page - PCE Instruments. PCE-MSR405 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Magnetic Stirrer PCE-MSR 405
PCE-MSR 405 Magnetic stirrer with heater
Magnetic stirrer with heating up to 400 ml / 5 stirring points / Adjustable up to 1500 rpm / Temperature control up to 120°C /
248°F possible / timer function / pulse mode
The magnetic stirrer PCE-MSR 405 is equipped with a heater. Thus, the magnetic stirrer with heating, liquids can heat up to 120°C / 248°F and
mix or stir at the same time. The magnetic stirrer PCE-MSR 405 with heating has 5 stirring points, so that several liquids can be stirred
simultaneously in the laboratory during a test. The maximum volume is per agitator at 400 ml, with heating up to 2000 ml altogether. The
heating temperature can be adjusted step by step in 1°C / 1.8°F increments. The stirring speed can be changed in 10 rpm per setting up to a
maximum of 1500 rpm. 
In addition to the continuous stirring function, the magnetic stirrer with heating can perform a time-controlled stirring. Furthermore, there is
the magnetic stirrer, the stirrers clocked to stir. This means that the motors start up for a moment and then go out again. The motors of the
magnetic stirrer with heater are low-wear brushless motors. The magnetic stirrer can be operated with 230V and 110V mains voltage.
5 stirring points
Adjustable up to 1500 rpm
Maximum 120°C / 248°F
Stirrable 5 x 400 ml
Timer and pulse function


同様の部品番号 - PCE-MSR405

メーカー部品番号データシート部品情報
logo
PCE Instruments.
PCE-MSR410 PCE-PCE-MSR410 Datasheet
339Kb / 2P
Multiposition Magnetic Stirrer PCE-MSR 410
PCE-MSR415 PCE-PCE-MSR415 Datasheet
324Kb / 2P
Multiposition Magnetic Stirrer PCE-MSR 415
PCE-MSR450 PCE-PCE-MSR450 Datasheet
370Kb / 2P
Magnetic Stirrer PCE-MSR 450
More results

同様の説明 - PCE-MSR405

メーカー部品番号データシート部品情報
logo
Tyco Electronics
2-1393223-5 MACOM-2-1393223-5 Datasheet
473Kb / 3P
Miniature Power PCB Relay MSR
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
V23061A1004A302 MACOM-V23061A1004A302 Datasheet
473Kb / 3P
Miniature Power PCB Relay MSR
logo
Keysight Technologies
N9083A KEYSIGHT-N9083A Datasheet
1Mb / 12P
Multi-Standard Radio (MSR)
W9083A KEYSIGHT-W9083A Datasheet
1Mb / 12P
Multi-Standard Radio (MSR)
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
logo
Lapp.
52015700 LAPP-52015700 Datasheet
183Kb / 3P
SKINTOP® MS / MSR
03.07.2018
logo
Advantech Co., Ltd.
UPOS-P03 ADVANTECH-UPOS-P03_V01 Datasheet
150Kb / 1P
MSRRFID
11-Nov-2017
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com