データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCE-MSR50 データシート(PDF) 1 Page - PCE Instruments.

部品番号 PCE-MSR50
部品情報  Magnetic Stirrer PCE-MSR 50
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PCE [PCE Instruments.]
ホームページ  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-MSR50 データシート(HTML) 1 Page - PCE Instruments.

  PCE-MSR50 Datasheet HTML 1Page - PCE Instruments. PCE-MSR50 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Magnetic Stirrer PCE-MSR 50
Mini Magnetic Stirrer PCE-MSR 50
Mini magnetic stirrer to 1000 ml / 88 mm platform / Mains operation /
Adjustable stirring speed
The mini magnetic stirrer PCE-MSR 50 is suitable for applications in small laboratories. The mini magnetic stirrer can safely mix stirring
quantities of 100 ... 1000 ml. Vessels with a diameter of up to 88 mm can be placed on the stirring surface of the mini magnetic stirrer PCE-MSR
50.
So the magnetic stirrer can be used for all common beakers. The magnetic stirrer is supplied with an external 5 V mains adapter. Due to its
small size and weight, the mini magnetic stirrer can also be used in mobile field surveys.
Magnetic stirrer up to 1000 ml
Small dimensions
Mains operation
Adjustable speed to 1600 rpm
Stirring surface 88 mm
For field and laboratory tests


同様の部品番号 - PCE-MSR50

メーカー部品番号データシート部品情報
logo
PCE Instruments.
PCE-MSR110 PCE-PCE-MSR110 Datasheet
384Kb / 2P
Magnetic Stirrer PCE-MSR 110
PCE-MSR150 PCE-PCE-MSR150 Datasheet
483Kb / 2P
Magnetic Stirrer PCE-MSR 150
PCE-MSR405 PCE-PCE-MSR405 Datasheet
948Kb / 2P
Magnetic Stirrer PCE-MSR 405
PCE-MSR410 PCE-PCE-MSR410 Datasheet
339Kb / 2P
Multiposition Magnetic Stirrer PCE-MSR 410
PCE-MSR415 PCE-PCE-MSR415 Datasheet
324Kb / 2P
Multiposition Magnetic Stirrer PCE-MSR 415
More results

同様の説明 - PCE-MSR50

メーカー部品番号データシート部品情報
logo
Tyco Electronics
2-1393223-5 MACOM-2-1393223-5 Datasheet
473Kb / 3P
Miniature Power PCB Relay MSR
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
V23061A1004A302 MACOM-V23061A1004A302 Datasheet
473Kb / 3P
Miniature Power PCB Relay MSR
logo
Keysight Technologies
N9083A KEYSIGHT-N9083A Datasheet
1Mb / 12P
Multi-Standard Radio (MSR)
W9083A KEYSIGHT-W9083A Datasheet
1Mb / 12P
Multi-Standard Radio (MSR)
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
logo
Lapp.
52015700 LAPP-52015700 Datasheet
183Kb / 3P
SKINTOP® MS / MSR
03.07.2018
logo
Advantech Co., Ltd.
UPOS-P03 ADVANTECH-UPOS-P03_V01 Datasheet
150Kb / 1P
MSRRFID
11-Nov-2017
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com