| データシートサーチシステム |
|
PCF5083H/001/F2 データシート(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF5083H/001/F2 データシート(HTML) 8 Page - NXP Semiconductors |
|
8 / 136 page ![]() 1996 Oct 29 8 Philips Semiconductors Objective specification GSM signal processing IC PCF5083 AUXON 33 I Auxiliary Switch on input (active HIGH, CMOS level Schmitt trigger input). LOWVOLT 34 I Low battery indication (active LOW, CMOS level Schmitt trigger input). POWON 35 O Power Regulator on (active HIGH). NPOWON 36 O Power Regulator on (active LOW). RST 37 I Asynchronous Reset for timer section (active LOW, CMOS level Schmitt trigger input). CLK32K 38 O The 32.768 kHz CMOS level output for PCF5083-2B and PCF5083-2C. CLK26M The 26 MHz CMOS level output for PCF5083-3. TXD 39 O RS232 transmit data output (open-drain output). RXD 40 I RS232 receive data input. MMIEN 41 O RS232 input buffer full indication (active LOW, open-drain output). MMIREQ 42 I MMI clock request (active HIGH, CMOS level Schmitt trigger input). MMICLK 43 O MMI clock 13 MHz. FSC 44 I/O IOM®-2 frame pulse (3-state). DCL 45 I/O IOM®-2 clock (3-state). DU 46 I IOM®-2 data input (CMOS level Schmitt trigger input). DD 47 O IOM®-2 data output (open drain output). VSS2 48 Ground core. VDD1 49 Supply I/O pin. VSS1 50 Ground I/O pin. VDD2 51 Supply core. RFCLK 52 O RF −IC interface shift clock (3-state). RFEN1 53 O RF −IC Interface Enable 1(active LOW, 3-state). RFEN2 54 O RF −IC Interface Enable 2 (active LOW, 3-state). RFEN3 55 O RF −IC Interface Enable 3 (active LOW, 3-state). RFEN4 56 O RF −IC Interface Enable 4 (active LOW, 3-state). VDD2 57 Supply core. VSSPLL 58 Ground for PLL. RFDI 59 I RF −IC Interface data in. RFDO 60 O RF −IC Interface data out (3-state). RFE 61 O RF −IC Interface Enable (active HIGH, 3-state). NREFON 62 O Reference oscillator power-down (active LOW, 3-state). SYMBOL PIN I/O DESCRIPTION |