| データシートサーチシステム |
|
PCF5083H/001/F2 データシート(PDF) 91 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF5083H/001/F2 データシート(HTML) 91 Page - NXP Semiconductors |
|
91 / 136 page ![]() 1996 Oct 29 91 Philips Semiconductors Objective specification GSM signal processing IC PCF5083 9.4.2 TRANSMITTING A CCH BLOCK This example shows how to transmit a CCH block. The transmission is performed in the TDMA frames N to N + 3. Only one message has to be sent in order to transmit a CCH block. Table 68 Procedures to be started for transmitting a CCH block Note 1. Procedures to be started via EXEC_PROC in TDMA frame FN. 9.4.3 FB SEARCH FOR TIMING SYNCHRONIZATION This example shows how to achieve time synchronization when the mobile is in IDLE mode or is on a channel with a 51 multiframe structure. Table 69 Procedures to be started for FB search for timing synchronization Note 1. Procedures to be started via EXEC_PROC in TDMA frame FN. fn PROCEDURES(1) NW RX TX MX N − 1 CP_tx_CCH (tsc, cch_msg) 15 −−− N −− − 156 − N + 1 −− − 156 − N+2 −− − 156 − N+3 −− − 156 − fn PROCEDURES(1) NW RX TX MX N FB_search_fcb_init(15) FB_search_fcb( ) 9 −−− N+11, N+22 FB_search_fcb( ) 5 −−− N+1, N+12, N+23 −−− 1404 N+2, N+13, N+24 FB_search_fcb( ) 5 −− N+3, N+14, N+25 −−− 1404 N+4, N+15, N+26 FB_search_fcb( ) 5 −− N+5, N+16, N+27 −−− 1404 N+6, N+17, N+28 FB_search_fcb( ) 5 −− N+7, N+18, N+29 −−− 1404 N+8, N+19, N+30 FB_search_fcb( ) 5 −− N+9, N+20, N+31 −−− 1404 N+10, N+21, N+32 −−− |