データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCF5083H/001/F2 データシート(PDF) 133 Page - NXP Semiconductors

部品番号 PCF5083H/001/F2
部品情報  GSM signal processing IC
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF5083H/001/F2 データシート(HTML) 133 Page - NXP Semiconductors

Back Button PCF5083H/001/F2 Datasheet HTML 128Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 129Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 130Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 131Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 132Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 133Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 134Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 135Page - NXP Semiconductors PCF5083H/001/F2 Datasheet HTML 136Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 133 / 136 page
background image
1996 Oct 29
133
Philips Semiconductors
Objective specification
GSM signal processing IC
PCF5083
20 DEFINITIONS
21 LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of these
products can reasonably be expected to result in personal injury. Philips customers using or selling these products for
use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such
improper use or sale.
Data sheet status
Objective specification
This data sheet contains target or goal specifications for product development.
Preliminary specification
This data sheet contains preliminary data; supplementary data may be published later.
Product specification
This data sheet contains final product specifications.
Limiting values
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or
more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation
of the device at these or at any other conditions above those given in the Characteristics sections of the specification
is not implied. Exposure to limiting values for extended periods may affect device reliability.
Application information
Where application information is given, it is advisory and does not form part of the specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More