データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCF8566 データシート(PDF) 8 Page - NXP Semiconductors

部品番号 PCF8566
部品情報  Universal LCD driver for low multiplex rates
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8566 データシート(HTML) 8 Page - NXP Semiconductors

Back Button PCF8566 Datasheet HTML 4Page - NXP Semiconductors PCF8566 Datasheet HTML 5Page - NXP Semiconductors PCF8566 Datasheet HTML 6Page - NXP Semiconductors PCF8566 Datasheet HTML 7Page - NXP Semiconductors PCF8566 Datasheet HTML 8Page - NXP Semiconductors PCF8566 Datasheet HTML 9Page - NXP Semiconductors PCF8566 Datasheet HTML 10Page - NXP Semiconductors PCF8566 Datasheet HTML 11Page - NXP Semiconductors PCF8566 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
1998 May 04
8
Philips Semiconductors
Product specification
Universal LCD driver for low multiplex
rates
PCF8566
6.4
LCD drive mode waveforms
The static LCD drive mode is used when a single backplane is provided in the LCD. Backplane and segment drive
waveforms for this mode are shown in Fig.4.
When two backplanes are provided in the LCD the 1 : 2 multiplex drive mode applies. The PCF8566 allows use of
1
2 or 13 bias in this mode as shown in Figs 5 and 6.
The backplane and segment drive waveforms for the 1 : 3 multiplex drive mode (three LCD backplanes) and for the 1 : 4
multiplex drive mode (four LCD backplanes) are shown in Figs 7 and 8 respectively.
Fig.4 Static drive mode waveforms: Vop =VDD − VLCD.
handbook, full pagewidth
MGG392
state 1
At any instant (t):
Vstate 1(t) = VSn(t) − VBP0(t)
Von(rms) = Vop
Vstate 2(t) = VSn + 1(t) − VBP0(t)
Voff(rms) = 0 V
0
BP0
state 2
0
(a) waveforms at driver
(b) resultant waveforms
at LCD segment
LCD segments
state 1
(on)
state 2
(off)
VDD
VLCD
VDD
VLCD
VDD
VLCD
Vop
−Vop
Vop
−Vop
Tframe
Sn
Sn + 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40