| データシートサーチシステム |
|
PCF8566 データシート(PDF) 25 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8566 データシート(HTML) 25 Page - NXP Semiconductors |
|
25 / 40 page ![]() 1998 May 04 25 Philips Semiconductors Product specification Universal LCD driver for low multiplex rates PCF8566 8 LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). 9 HANDLING Inputs and outputs are protected against electrostatic discharges in normal handling. However, to be totally safe, it is advised to take handling precautions appropriate to handling MOS devices (see “Handling MOS devices”). SYMBOL PARAMETER MIN. MAX. UNIT VDD supply voltage −0.5 +7 V VLCD LCD supply voltage VDD − 7VDD V VI input voltage (SCL, SDA, A0 to A2, OSC, CLK, SYNC and SA0) VSS − 0.5 VDD + 0.5 V VO output voltage (S0 to S23 and BP0 to BP3) VLCD − 0.5 VDD + 0.5 V II DC input current −±20 mA IO DC output current −±25 mA IDD, ISS, ILCD VDD, VSS or VLCD current −±50 mA Ptot power dissipation per package − 400 mW PO power dissipation per output − 100 mW Tstg storage temperature −65 +150 °C |