| データシートサーチシステム |
|
PCF8578U/2 データシート(PDF) 31 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8578U/2 データシート(HTML) 31 Page - NXP Semiconductors |
|
31 / 44 page ![]() This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ... Fig.23 Segment driver application for up to 384 segments. (1) Can be used for creating blinking characters. 0 16 17 39 0 1 2 3 R8 R15 LCD DISPLAY RAM PCF8578 Bank (Using 1:16 mux, the first character data must be loaded in bank 0 and 1 starting at byte number 16) one line of 24 digits 7 segment one line of 12 digits star-burst (mux 1:16) Total: 384 segments PCF8578: Segment Driver Application R0 R7 a b c d e f g dp a b f g c e d dp 1-byte LSB MSB 1 12 MLB423 (1) ,, ,, ,,,, ,, ,, ,, ,, ,, ,, ,, C16 C17 C39 ALTERNATE DISPLAY BANK ALTERNATE DISPLAY BANK |