| データシートサーチシステム |
|
PCF8578U/2 データシート(PDF) 33 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8578U/2 データシート(HTML) 33 Page - NXP Semiconductors |
|
33 / 44 page ![]() This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in _white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ... R OSC OSC VSS SCL SDA SA0 CLK SYNC V3 V4 V DD VLCD A0 A1 A2 A3 VSS VSS PCF8579 1 40 columns subaddress 0 VSS SCL SDA SA0 CLK SYNC V3 V4 V DD VLCD PCF8578 (ROW MODE) VLCD VDD V2 V5 VSS V DD / VSS unused columns 16 8 rows SCL SDA VDD VSS 1:16 multiplex rate 16 x 40 x k dots (k 16) (10240 dots max.) 16 rows R R R R R C C C C C VSS SCL SDA SA0 CLK SYNC V 3 V4 VDD V LCD A0 A1 A2 A3 VDD PCF8579 1 40 columns subaddress 0 V DD VSS VSS SCL SDA SA0 CLK SYNC V 3 V4 V DD V LCD A0 A1 A2 A3 V DD PCF8579 40 columns VDD VSS subaddress k 1 k VSS SCL SDA SA0 CLK SYNC V3 V4 VDD VLCD A0 A1 A2 A3 VSS VSS PCF8579 2 40 columns subaddress 1 VDD VSS SCL SDA SA0 CLK SYNC V3 V4 VDD VLCD A0 A1 A2 A3 VSS VSS PCF8579 k 40 columns VDD subaddress k 1 1:16 multiplex rate 16 x 40 x k dots (k 16) (10240 dots max.) LCD DISPLAY VSS SCL SDA SA0 CLK SYNC V 3 V4 VDD V LCD A0 A1 A2 A3 VDD PCF8579 2 40 columns subaddress 1 VDD VSS VDD MSA847 Fig.25 Split screen application with 1 : 16 multiplex rate for improved contrast. |