| データシートサーチシステム |
|
2012 データシート(PDF) 10 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
2012 データシート(HTML) 10 Page - Christian Bürkert GmbH & Co. KG |
|
10 / 14 page ![]() Type 8653 10 | 14 Visit product website Symbol Q Nn value air Switching times Article no. Article no. Opening Closing D6/D8 D¼"/ 5/16" [l/min] [ms] [ms] H (CF H) 5/2-way solenoid valve Servo-controlled, with manual override Pressure applied via port (1), therefore one of the two ports (2) or (4) is under pressure. 14 12 4 2 5 1 3 270 20 25 309529 338890 L (CF L) 5/3-way solenoid valve With manual override In middle position all ports locked 14 12 4 2 5 1 3 290 20 25 20030510 o. r. M (CF M) 5/3-way solenoid valve With manual override In middle position ports 2 and 4 ventilated 5 1 3 14 12 4 2 290 20 25 o. r. o. r. N (CF N) 5/3-way solenoid valve With manual override In middle position ports 2 and 4 exhausted 14 12 4 2 5 1 3 290 20 25 o. r. o. r. Z (CF Z) 5/2-way solenoid valve Impulse version with 2 coils and manual override Pressure applied via port (1), therefore one of the two ports (2) or (4) is under pressure. 14 12 4 2 5 1 3 290 20 25 20058986 o. r. o. r. = on request |