| データシートサーチシステム |
|
2012 データシート(PDF) 12 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
2012 データシート(HTML) 12 Page - Christian Bürkert GmbH & Co. KG |
|
12 / 14 page ![]() Type 8653 12 | 14 Visit product website Symbol Q Nn value air Switching times Article no. Article no. Opening Closing D6/D8 D¼"/ 5/16" [l/min] [ms] [ms] Z (CF Z) 5/2-way solenoid valve Impulse version with 2 coils and manual override Pressure applied via port (1), therefore one of the two ports (2) or (4) is under pressure. 14 12 4 2 5 1 3 290 20 25 o. r. o. r. o. r. = on request Ordering chart IO-Link version The following ordering chart lists the part numbers for Type 8653, subdivided according to connection type and circuit function. All valve positions are equipped with the same operating principle. Note: All articles in the following table are equipped with integrated check valves. Symbol Q Nn value air Switching times Article no. Article no. Opening Closing D6/D8 D¼"/ 5/16" [l/min] [ms] [ms] C (CF C) 2 x 3/2-way solenoid valve Servo-controlled, with manual override Normally closed 4 1 5 14 2 1 3 12 270 15 15 357762 373702 D (CF D) 2 x 3/2-way solenoid valve Servo-controlled, with manual override Normally open 4 1 5 14 2 1 3 12 310 15 15 20002355 o. r. H (CF H) 5/2-way solenoid valve Servo-controlled, with manual override Pressure applied via port (1), therefore one of the two ports (2) or (4) is under pressure. 14 12 4 2 5 1 3 270 20 25 370110 373703 L (CF L) 5/3-way solenoid valve With manual override In middle position all ports locked 14 12 4 2 5 1 3 290 20 25 382177 o. r. |