データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MAX6972 データシート(PDF) 4 Page - Maxim Integrated Products

部品番号 MAX6972
部品情報  16-Output PWM LED Drivers for Message Boards
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MAXIM [Maxim Integrated Products]
ホームページ  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6972 データシート(HTML) 4 Page - Maxim Integrated Products

  MAX6972 Datasheet HTML 1Page - Maxim Integrated Products MAX6972 Datasheet HTML 2Page - Maxim Integrated Products MAX6972 Datasheet HTML 3Page - Maxim Integrated Products MAX6972 Datasheet HTML 4Page - Maxim Integrated Products MAX6972 Datasheet HTML 5Page - Maxim Integrated Products MAX6972 Datasheet HTML 6Page - Maxim Integrated Products MAX6972 Datasheet HTML 7Page - Maxim Integrated Products MAX6972 Datasheet HTML 8Page - Maxim Integrated Products MAX6972 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
16-Output PWM LED Drivers
for Message Boards
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VDD = 3.3V, TA = +25°C, unless otherwise noted.)
OPERATING CURRENT CONSUMPTION
vs. SUPPLY VOLTAGE VDD
SUPPLY VOLTAGE VDD (V)
3.5
3.4
3.3
3.2
3.1
41
43
45
47
39
3.0
3.6
TA = -40
°C
fCLKI = 32MHz
CALDAC = 0xFF
TA = +25
°C
TA = +85
°C
TA = +125
°C
OPERATING CURRENT CONSUMPTION
vs. SUPPLY VOLTAGE VDD
SUPPLY VOLTAGE VDD (V)
3.5
3.4
3.3
3.2
3.1
19
21
23
25
15
17
3.0
3.6
TA = -40
°C
TA = +25
°C
TA = +85
°C
TA = +125
°C
fCLKI = 0MHz
CALDAC = 0x00
LED OUTPUT SINK CURRENT
vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE (V)
5
4
3
2
1
20
50
60
30
40
70
0
10
06
7
TA = -40
°C
TA = +25
°C
TA = +85
°C
TA = +125
°C
LED OUTPUT SINK CURRENT
vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE (V)
5
4
3
2
1
20
50
60
30
40
70
0
10
06
7
VDD = +3.0V
VDD = +3.3V
VDD = +3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com