| データシートサーチシステム |
|
TCS34727FN データシート(PDF) 14 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TCS34727FN データシート(HTML) 14 Page - OSRAM GmbH |
|
14 / 41 page ![]() ams Datasheet Page 13 [v1-04] 2020-Apr-10 Document Feedback TCS3472 − Principles of Operation System States An internal state machine provides system control of the RGBC and power management features of the device. At power up, an internal power-on-reset initializes the device and puts it in a low-power Sleep state. When a start condition is detected on the I²C bus, the device transitions to the Idle state where it checks the Enable Register (0x00) PON bit. If PON is disabled, the device will return to the Sleep state to save power. Otherwise, the device will remain in the Idle state until the RGBC function is enabled (AEN). Once enabled, the device will execute the Wait and RGBC states in sequence as indicated in Figure 16. Upon completion and return to Idle, the device will automatically begin a new Wait-RGBC cycle as long as PON and AEN remain enabled. Figure 17: Simplified State Diagram Principles of Operation |