| データシートサーチシステム |
|
TCS34727FN データシート(PDF) 23 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TCS34727FN データシート(HTML) 23 Page - OSRAM GmbH |
|
23 / 41 page ![]() Page 22 ams Datasheet Document Feedback [v1-04] 2020-Apr-10 TCS3472 − Register Description Enable Register (0x00) The ENABLE register is used primarily to power the TCS3472 device ON and OFF, and enable functions and interrupts as shown below. Figure 26: Enable Register Notes: 1. See Power Management section for more information. 2. A minimum interval of 2.4 ms must pass after PON is asserted before an RGBC can be initiated. 7 6 5 4 321 0 Reserved AIEN WEN Reserved AEN PON Fields Bits Description Reserved 7:5 Reserved. Write as 0. AIEN 4 RGBC interrupt enable. When asserted, permits RGBC interrupts to be generated. WEN 3 Wait enable. This bit activates the wait feature. Writing a 1 activates the wait timer. Writing a 0 disables the wait timer. Reserved 2 Reserved. Write as 0. AEN 1 RGBC enable. This bit actives the two-channel ADC. Writing a 1 activates the RGBC. Writing a 0 disables the RGBC. PON(1), (2) 0 Power ON. This bit activates the internal oscillator to permit the timers and ADC channels to operate. Writing a 1 activates the oscillator. Writing a 0 disables the oscillator. |