| データシートサーチシステム |
|
TCS37727FN データシート(PDF) 6 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TCS37727FN データシート(HTML) 6 Page - OSRAM GmbH |
|
6 / 51 page ![]() ams Datasheet Page 5 [v1-01] 2018-Mar-14 Document Feedback TCS3772 − Absolute Maximum Ratings Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only. Functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability. Figure 5: Absolute Maximum Ratings over Operating Free-Air Temperature Range (unless otherwise noted) Parameter Min Max Units Comments Supply voltage, VDD 3.8 V All voltages are with respect to GND Input terminal voltage −0.5 3.8 V Output terminal voltage (except LDR) −0.5 3.8 V Output terminal voltage (LDR) −0.5 3.8 V Output terminal current (except LDR) −1 20 mA Storage temperature range, TSTRG −40 85 ºC ESD tolerance, human body model ±2000 V Absolute Maximum Ratings |