| データシートサーチシステム |
|
TMF8701-1XM データシート(PDF) 32 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMF8701-1XM データシート(HTML) 32 Page - OSRAM GmbH |
|
32 / 66 page ![]() Datasheet, Public Page 31 [v2-00] 2023-Feb-21 Document Feedback TMF8701 − Register Description Figure 49: DISTANCE_PEAK_1 Register The sys clock registers is a running timer information – this value is counting up (and wraps around to 0 again) as long as the internal clock is running. As it is derived from the internal RC oscillator and distance information is depending on its accuracy, it can be used to correct an algorithm result by comparing this clock with a more accurate clock inside the host. For correctly updating of these registers by TMF8701, an I²C blockread starting from address 0x1D until 0x27 shall be done. Figure 50: SYS_CLOCK_0 Register Figure 51: SYS_CLOCK_1 Register Figure 52: SYS_CLOCK_2 Register 0x23: DISTANCE_PEAK_1 Field Name Reset Type Description 7:0 distance_peak[15:8] 0 RO Distance to the peak in [mm] of the object, most significant byte 0x24: SYS_CLOCK_0 Field Name Reset Type Description 7:0 sys_clock[7:0] 0 RO System clock/time stamp in units of 0.2μs 0x25: SYS_CLOCK_1 Field Name Reset Type Description 7:0 sys_clock[15:8] 0 RO System clock/time stamp in units of 0.2μs 0x26: SYS_CLOCK_2 Field Name Reset Type Description 7:0 sys_clock[23:16] 0 RO System clock/time stamp in units of 0.2μs |