| データシートサーチシステム |
|
TMF8701-1XM データシート(PDF) 47 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMF8701-1XM データシート(HTML) 47 Page - OSRAM GmbH |
|
47 / 66 page ![]() Page 46 Datasheet, Public Document Feedback [v2-00] 2023-Feb-21 TMF8701 − Register Description DOWNLOAD_INIT This command is used to initialize the download HW for secure devices. Figure 110: DOWNLOAD_INIT Command W_RAM This command writes the given data to a defined RAM region. Note that the RAM pointer has first to be set by the command ADDR_RAM. After the command is successfully executed the RAM pointer will point to the first byte after the written region. Figure 111: W_RAM Command Address Value Meaning BL_CMD_STAT 0x14 Initialize the HW for download from host to TMF8701 RAM BL_SIZE 1 BL_DATA0 0... 0xFF Seed BL_CSUM 0... 0xFF Address Value Meaning BL_CMD_STAT 0x41 Write to main RAM BL_SIZE 0... 0x80 Number of bytes to be written BL_DATA0 0... 0xFF 1st byte to be written BL_DATA1 0... 0xFF 2nd byte to be written … BL_DATA127 0... 0xFF 128th byte to be written (only if size was 0x80) BL_CSUM 0... 0xFF The CSUM comes immediately after the data. |