| データシートサーチシステム |
|
TMG3992 データシート(PDF) 69 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMG3992 データシート(HTML) 69 Page - OSRAM GmbH |
|
69 / 96 page ![]() Page 68 ams Datasheet Document Feedback [v1-06] 2018-Feb-27 TMG3992 − Register Description Configuration Register A0 (CONFIG_A0), Gesture Mode This register value is compared with Proximity value, PDATA, to determine if the gesture state machine is entered. The proximity persistence filter, PPERS, is not used to determine gesture state machine entry. Figure 73: Configuration Register A0 Configuration Register A1 (CONFIG_A1), Gesture Mode The Gesture Exit Threshold Register value is compared all non-masked gesture detection photodiodes (NSWE). Gesture state machine exit is also governed by the value in the Gesture Exit Persistence register, GEPERS. Figure 74: Configuration Register A1 765 432 1 0 GPENTH Field Bits Description GPENTH 7:0 Gesture Proximity Entry Threshold. This register sets the Proximity threshold value used to determine a “gesture start” and subsequent entry into the gesture state machine. 765 432 1 0 GEXTH Field Bits Description GEXTH 7:0 Gesture Exit Threshold. This register sets the threshold value used to determine a “gesture end” and subsequent exit of the gesture state machine. Setting GEXTH to 0x00 will prevent gesture exit until GMODE is set to 0. |