| データシートサーチシステム |
|
TSL27713FN データシート(PDF) 31 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TSL27713FN データシート(HTML) 31 Page - OSRAM GmbH |
|
31 / 51 page ![]() Page 30 ams Datasheet Document Feedback [v1-00] 2016-Mar-22 TSL2771 − Register Set Wait Time Register (0x03) Wait time is set 2.72 ms increments unless the WLONG bit is asserted in which case the wait times are 12x longer. WTIME is programmed as a 2’s complement number. Figure 32: Wait Time Register Note(s): 1. The Proximity Wait Time Register should be configured before PEN and/or AEN is/are asserted. ALS Interrupt Threshold Registers (0x04 - 0x07) The ALS interrupt threshold registers provides the values to be used as the high and low trigger points for the comparison function for interrupt generation. If C0DATA crosses below the low threshold specified, or above the higher threshold, an interrupt is asserted on the interrupt pin. Figure 33: ALS Interrupt Threshold Register Field Bits Description WTIME 7:0 REGISTER VALUE WAIT TIME TIME (WLONG = 0) TIME (WLONG = 1) 0xFF 1 2.72 ms 0.032 s 0xB6 74 201 ms 2.4 s 0x00 256 696 ms 8.3 s Register Address Bits Description AILTL 0x04 7:0 ALS low threshold lower byte AILTH 0x05 7:0 ALS low threshold upper byte AIHTL 0x06 7:0 ALS high threshold lower byte AIHTH 0x07 7:0 ALS high threshold upper byte |