データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSL27713FN データシート(PDF) 38 Page - OSRAM GmbH

部品番号 TSL27713FN
部品情報  Light-to-Digital Converter with Proximity Sensing
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OSRAM [OSRAM GmbH]
ホームページ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL27713FN データシート(HTML) 38 Page - OSRAM GmbH

Back Button TSL27713FN Datasheet HTML 34Page - OSRAM GmbH TSL27713FN Datasheet HTML 35Page - OSRAM GmbH TSL27713FN Datasheet HTML 36Page - OSRAM GmbH TSL27713FN Datasheet HTML 37Page - OSRAM GmbH TSL27713FN Datasheet HTML 38Page - OSRAM GmbH TSL27713FN Datasheet HTML 39Page - OSRAM GmbH TSL27713FN Datasheet HTML 40Page - OSRAM GmbH TSL27713FN Datasheet HTML 41Page - OSRAM GmbH TSL27713FN Datasheet HTML 42Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 51 page
background image
ams Datasheet
Page 37
[v1-00] 2016-Mar-22
Document Feedback
TSL2771 − Register Set
ADC Channel Data Registers (0x14 - 0x17)
ALS data is stored as two 16-bit values. To ensure the data is
read correctly, a two-byte read I²C transaction should be used
with auto increment protocol bits set in the command register.
With this operation, when the lower byte register is read, the
upper eight bits are stored in a shadow register, which is read
by a subsequent read to the upper byte. The upper register will
read the correct value even if additional ADC integration cycles
end between the reading of the lower and upper registers.
Figure 41:
ADC Channel Data Registers
Proximity Data Registers (0x18 - 0x19)
Proximity data is stored as a 16-bit value. To ensure the data is
read correctly, a two-byte read I²C transaction should be
utilized with auto increment protocol bits set in the command
register. With this operation, when the lower byte register is
read, the upper eight bits are stored into a shadow register,
which is read by a subsequent read to the upper byte. The upper
register will read the correct value even if the next ADC cycle
ends between the reading of the lower and upper registers.
Figure 42:
PDATA Registers
Register
Address
Bits
Description
C0DATA
0x14
7:0
ALS CH0 data low byte
C0DATAH
0x15
7:0
ALS CH0 data high byte
C1DATA
0x16
7:0
ALS CH1 data low byte
C1DATAH
0x17
7:0
ALS CH1 data high byte
Register
Address
Bits
Description
PDATAL
0x18
7:0
Proximity data low byte
PDATAH
0x19
7:0
Proximity data high byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51