| データシートサーチシステム |
|
56F8322 データシート(PDF) 49 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8322 データシート(HTML) 49 Page - Freescale Semiconductor, Inc |
|
49 / 136 page ![]() Peripheral Memory Mapped Registers 56F8322 Technical Data, Rev. 16 Freescale Semiconductor 49 Preliminary Table 4-26 Flash Module Registers Address Map (FM_BASE = $00 F400) Register Acronym Address Offset Register Description FMCLKD $0 Clock Divider Register FMMCR $1 Module Control Register Reserved FMSECH $3 Security High Half Register FMSECL $4 Security Low Half Register Reserved Reserved FMPROT $10 Protection Register (Banked) FMPROTB $11 Protection Boot Register (Banked) Reserved FMUSTAT $13 User Status Register (Banked) FMCMD $14 Command Register (Banked) Reserved Reserved FMOPT 0 $1A 16-Bit Information Option Register 0 Hot temperature ADC reading of Temperature Sensor; value set during factory test FMOPT 1 $1B 16-Bit Information Option Register 1 Trim cap setting of the relaxation oscillator FMOPT 2 $1C 16-Bit Information Option Register 2 Room temperature ADC reading of Temperature Sensor; value set during factory test Table 4-27 FlexCAN Registers Address Map (FC_BASE = $00 F800) FlexCAN is NOT available in the 56F8122 device Register Acronym Address Offset Register Description FCMCR $0 Module Configuration Register Reserved FCCTL0 $3 Control Register 0 Register FCCTL1 $4 Control Register 1 Register FCTMR $5 Free-Running Timer Register FCMAXMB $6 Maximum Message Buffer Configuration Register Reserved FCRXGMASK_H $8 Receive Global Mask High Register FCRXGMASK_L $9 Receive Global Mask Low Register |