| データシートサーチシステム |
|
AS6204 データシート(PDF) 8 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS6204 データシート(HTML) 8 Page - OSRAM GmbH |
|
8 / 37 page ![]() Document Feedback AS6204 Pin Assignment Datasheet • PUBLIC DS000628 • v4-00 • 2021-Oct-18 36 │ 7 3.2 Pin Description Figure 4: Pin Description of AS6204 (WLCSP) Pin Number Pin Name Pin Type(1) Description A1 VSS S Ground Pin A2 ALERT DO_OD Alert output (interrupt), external pull up resistors recommended A3 SCL DI_S Serial Interface Clock, external pull up resistors recommended B1 VDD S Positive Supply Voltage B2 ADD0 DI_S Address Select Pin, must not be left unconnected (refer to the bus address section for further details). B3 SDA DIO_SOD Serial Interface Data, external pull up resistors recommended (1) Explanation of abbreviations: S Supply DO_OD Digital output - open drain DI_S Digital Schmitt trigger input DIO_SOD Digital Schmitt trigger input/output- open drain |