| データシートサーチシステム |
|
AS6204 データシート(PDF) 11 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS6204 データシート(HTML) 11 Page - OSRAM GmbH |
|
11 / 37 page ![]() Document Feedback AS6204 Typical Operating Characteristics Datasheet • PUBLIC DS000628 • v4-00 • 2021-Oct-18 36 │ 10 5.2 Digital System Parameters Figure 7: Digital System Parameters of AS6204 Parameter Symbol Pins Min Max Unit Note High level input voltage V_IH SCL, ADD0, SDA 0.7 * VDD V Low level input voltage V_IL SCL,ADD0, SDA 0.3 * VDD V Low level output voltage V_OL Alert, SDA VSS+0.4 V Alert pin: I_OL=3 mA(1) Tristate leakage current I_OZ SDA -10 10 µA To VSS (1) This value describes the minimum current sank of Alert pin at maximum V_OL (Low level output voltage). |