| データシートサーチシステム |
|
TLC27L2CPWR データシート(PDF) 10 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC27L2CPWR データシート(HTML) 10 Page - Texas Instruments |
|
10 / 49 page ![]() TLC27L2, TLC27L2A, TLC27L2B, TLC27L7 LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS SLOS052D − OCTOBER 1987 − REVISED OCTOBER 2005 10 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 operating characteristics, VDD = 5 V PARAMETER TEST CONDITIONS TA TLC27L2C TLC27L2AC TLC27L2BC TLC27L7C UNIT MIN TYP MAX 25 °C 0.03 R = 1 M , VI(PP) = 1 V 0 °C 0.04 SR Slew rate at unity gain RL = 1 MΩ, CL = 20 pF, VI(PP) = 1 V 70 °C 0.03 V/ s SR Slew rate at unity gain L CL = 20 pF, See Figure 1 25 °C 0.03 V/ µs See Figure 1 VI(PP) = 2.5 V 0 °C 0.03 VI(PP) = 2.5 V 70 °C 0.02 Vn Equivalent input noise voltage f = 1 kHz, RS = 20 Ω, 25 °C 68 nV/ √Hz Vn Equivalent input noise voltage f = 1 kHz, See Figure 2 RS = 20 Ω, 25 °C 68 nV/ √Hz VO = VOH, CL = 20 pF, 25 °C 5 BOM Maximum output-swing bandwidth VO = VOH, RL = 1 MΩ, CL = 20 pF, See Figure 1 0 °C 6 kHz BOM Maximum output-swing bandwidth RL = 1 MΩ, See Figure 1 70 °C 4.5 kHz VI = 10 mV, CL = 20 pF, 25 °C 85 B1 Unity-gain bandwidth VI = 10 mV, See Figure 3 CL = 20 pF, 0 °C 100 kHz B1 Unity-gain bandwidth See Figure 3 70 °C 65 kHz VI = 10 mV, f = B1, 25 °C 34 ° φm Phase margin VI = 10 mV, CL = 20 pF, f = B1, See Figure 3 0 °C 36 ° φm Phase margin CL = 20 pF, See Figure 3 70 °C 30 ° operating characteristics, VDD = 10 V PARAMETER TEST CONDITIONS TA TLC27L2C TLC27L2AC TLC27L2BC TLC27L7C UNIT MIN TYP MAX 25 °C 0.05 R = 1 M , VI(PP) = 1 V 0 °C 0.05 SR Slew rate at unity gain RL = 1 MΩ, CL = 20 pF, VI(PP) = 1 V 70 °C 0.04 V/ s SR Slew rate at unity gain L CL = 20 pF, See Figure 1 25 °C 0.04 V/ µs See Figure 1 VI(PP) = 5.5 V 0 °C 0.05 VI(PP) = 5.5 V 70 °C 0.04 Vn Equivalent input noise voltage f = 1 kHz, RS = 20 Ω, 25 °C 68 nV/ √Hz Vn Equivalent input noise voltage f = 1 kHz, See Figure 2 RS = 20 Ω, 25 °C 68 nV/ √Hz VO = VOH, CL = 20 pF, 25 °C 1 BOM Maximum output-swing bandwidth VO = VOH, RL = 1 MΩ, CL = 20 pF, See Figure 1 0 °C 1.3 kHz BOM Maximum output-swing bandwidth RL = 1 MΩ, See Figure 1 70 °C 0.9 kHz VI = 10 mV, CL = 20 pF, 25 °C 110 B1 Unity-gain bandwidth VI = 10 mV, See Figure 3 CL = 20 pF, 0 °C 125 kHz B1 Unity-gain bandwidth See Figure 3 70 °C 90 kHz VI = 10 mV, f = B1, 25 °C 38 ° φm Phase margin VI = 10 mV, CL = 20 pF, f = B1, See Figure 3 0 °C 40 ° φm Phase margin CL = 20 pF, See Figure 3 70 °C 34 ° |