| データシートサーチシステム |
|
TLC27L2CPWR データシート(PDF) 11 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC27L2CPWR データシート(HTML) 11 Page - Texas Instruments |
|
11 / 49 page ![]() TLC27L2, TLC27L2A, TLC27L2B, TLC27L7 LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS SLOS052D − OCTOBER 1987 − REVISED OCTOBER 2005 11 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 operating characteristics, VDD = 5 V PARAMETER TEST CONDITIONS TA TLC27L2I TLC27L2AI TLC27L2BI TLC27L7I UNIT MIN TYP MAX 25 °C 0.03 R = 1 M , VI(PP) = 1 V −40 °C 0.04 SR Slew rate at unity gain RL = 1 MΩ, CL = 20 pF, VI(PP) = 1 V 85 °C 0.03 V/ s SR Slew rate at unity gain L CL = 20 pF, See Figure 1 25 °C 0.03 V/ µs See Figure 1 VI(PP) = 2.5 V −40 °C 0.04 VI(PP) = 2.5 V 85 °C 0.02 Vn Equivalent input noise voltage f = 1 kHz, RS = 20 Ω, 25 °C 68 nV/ √Hz Vn Equivalent input noise voltage f = 1 kHz, See Figure 2 RS = 20 Ω, 25 °C 68 nV/ √Hz VO = VOH, CL = 20 pF, 25 °C 5 BOM Maximum output-swing bandwidth VO = VOH, RL = 1 MΩ, CL = 20 pF, See Figure 1 −40 °C 7 kHz BOM Maximum output-swing bandwidth RL = 1 MΩ, See Figure 1 85 °C 4 kHz VI = 10 mV, CL = 20 pF, 25 °C 85 B1 Unity-gain bandwidth VI = 10 mV, See Figure 3 CL = 20 pF, −40 °C 130 kHz B1 Unity-gain bandwidth See Figure 3 85 °C 55 kHz VI = 10 mV, f = B1, 25 °C 34 ° φm Phase margin VI = 10 mV, CL = 20 pF, f = B1, See Figure 3 −40 °C 38 ° φm Phase margin CL = 20 pF, See Figure 3 85 °C 29 ° operating characteristics, VDD = 10 V PARAMETER TEST CONDITIONS TA TLC27L2I TLC27L2AI TLC27L2BI TLC27L7I UNIT MIN TYP MAX 25 °C 0.05 R = 1 M , VI(PP) = 1 V −40 °C 0.06 SR Slew rate at unity gain RL = 1 MΩ, CL = 20 pF, VI(PP) = 1 V 85 °C 0.03 V/ s SR Slew rate at unity gain L CL = 20 pF, See Figure 1 25 °C 0.04 V/ µs See Figure 1 VI(PP) = 5.5 V −40 °C 0.05 VI(PP) = 5.5 V 85 °C 0.03 Vn Equivalent input noise voltage f = 1 kHz, RS = 20 Ω, 25 °C 68 nV/ √Hz Vn Equivalent input noise voltage f = 1 kHz, See Figure 2 RS = 20 Ω, 25 °C 68 nV/ √Hz VO = VOH, CL = 20 pF, 25 °C 1 BOM Maximum output-swing bandwidth VO = VOH, RL = 1 MΩ, CL = 20 pF, See Figure 1 −40 °C 1.4 kHz BOM Maximum output-swing bandwidth RL = 1 MΩ, See Figure 1 85 °C 0.8 kHz VI = 10 mV, CL = 20 pF, 25 °C 110 B1 Unity-gain bandwidth VI = 10 mV, See Figure 3 CL = 20 pF, −40 °C 155 kHz B1 Unity-gain bandwidth See Figure 3 85 °C 80 kHz VI = 10 mV, f = B1, 25 °C 38 ° φm Phase margin VI = 10 mV, CL = 20 pF, f = B1, See Figure 3 −40 °C 42 ° φm Phase margin CL = 20 pF, See Figure 3 85 °C 32 ° |