データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCS08 データシート(PDF) 182 Page - Motorola, Inc

部品番号 HCS08
部品情報  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 データシート(HTML) 182 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 178Page - Motorola, Inc HCS08 Datasheet HTML 179Page - Motorola, Inc HCS08 Datasheet HTML 180Page - Motorola, Inc HCS08 Datasheet HTML 181Page - Motorola, Inc HCS08 Datasheet HTML 182Page - Motorola, Inc HCS08 Datasheet HTML 183Page - Motorola, Inc HCS08 Datasheet HTML 184Page - Motorola, Inc HCS08 Datasheet HTML 185Page - Motorola, Inc HCS08 Datasheet HTML 186Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 290 page
background image
Serial Communications Interface (SCI) Module
MC9S08GB/GT
182
MOTOROLA
11.10.1 SCI x Baud Rate Registers (SCIxBDH, SCIxBHL)
This pair of registers controls the prescale divisor for SCI baud rate generation. To update the 13-bit baud
rate setting [SBR12:SBR0], first write to SCIxBDH to buffer the high half of the new value and then write
to SCIxBDL. The working value in SCIxBDH does not change until SCIxBDL is written.
SCIxBDL is reset to a non-zero value, so after reset the baud rate generator remains disabled until the first
time the receiver or transmitter is enabled (RE or TE bits in SCIxC2 are written to 1).
Figure 11-5 SCI Baud Rate Register (SCIxBDH)
Figure 11-6 SCI x Baud Rate Register (SCIxBDL)
SBR12:SBR0 — Baud Rate Modulo Divisor
These 13 bits are referred to collectively as BR, and they set the modulo divide rate for the SCI baud
rate generator. When BR = 0, the SCI baud rate generator is disabled to reduce supply current. When
BR = 1 to 8191, the SCI baud rate = BUSCLK/(16
×BR).
11.10.2 SCI x Control Register 1 (SCIxC1)
This read/write register is used to control various optional features of the SCI system.
Figure 11-7 SCI x Control Register 1 (SCIxC1)
Bit 7
654321
Bit 0
Read:
0
0
0
SBR12
SBR11
SBR10
SBR9
SBR8
Write:
Reset:
00000000
= Unimplemented or Reserved
Bit 7
654321
Bit 0
Read:
SBR7
SBR6
SBR5
SBR4
SBR3
SBR2
SBR1
SBR0
Write:
Reset:
00000100
= Unimplemented or Reserved
Bit 7
6
54321
Bit 0
Read:
LOOPS
SCISWAI
RSRC
M
WAKE
ILT
PE
PT
Write:
Reset:
0
0
000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com