データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCS08 データシート(PDF) 186 Page - Motorola, Inc

部品番号 HCS08
部品情報  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOTOROLA [Motorola, Inc]
ホームページ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 データシート(HTML) 186 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 182Page - Motorola, Inc HCS08 Datasheet HTML 183Page - Motorola, Inc HCS08 Datasheet HTML 184Page - Motorola, Inc HCS08 Datasheet HTML 185Page - Motorola, Inc HCS08 Datasheet HTML 186Page - Motorola, Inc HCS08 Datasheet HTML 187Page - Motorola, Inc HCS08 Datasheet HTML 188Page - Motorola, Inc HCS08 Datasheet HTML 189Page - Motorola, Inc HCS08 Datasheet HTML 190Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 290 page
background image
Serial Communications Interface (SCI) Module
MC9S08GB/GT
186
MOTOROLA
TDRE — Transmit Data Register Empty Flag
TDRE is set out of reset and when a transmit data value transfers from the transmit data buffer to the
transmit shifter, leaving room for a new character in the buffer. To clear TDRE, read SCIxS1 with
TDRE = 1 and then write to the SCI data register (SCIxD).
1 = Transmit data register (buffer) empty.
0 = Transmit data register (buffer) full.
TC — Transmission Complete Flag
TC is set out of reset and when TDRE = 1 and no data, preamble, or break character is being
transmitted.
1 = Transmitter idle (transmission activity complete).
0 = Transmitter active (sending data, a preamble, or a break).
TC is cleared automatically by reading SCIxS1 with TC = 1 and then doing one of the following three
things.
•
Write to the SCI data register (SCIxD) to transmit new data
•
Queue a preamble by changing TE from 0 to 1
•
Queue a break character by writing 1 to SBK in SCIxC2
RDRF — Receive Data Register Full Flag
RDRF becomes set when a character transfers from the receive shifter into the receive data register
(SCIxD). To clear RDRF, read SCIxS1 with RDRF = 1 and then read the SCI data register (SCIxD).
1 = Receive data register full.
0 = Receive data register empty.
IDLE — Idle Line Flag
IDLE is set when the SCI receive line becomes idle for a full character time after a period of activity.
When ILT = 0, the receiver starts counting idle bit times after the start bit. So if the receive character
is all 1s, these bit times and the stop bit time count toward the full character time of logic high (10 or
11 bit times depending on the M control bit) needed for the receiver to detect an idle line. When
ILT = 1, the receiver doesn’t start counting idle bit times until after the stop bit. So the stop bit and any
logic high bit times at the end of the previous character do not count toward the full character time of
logic high needed for the receiver to detect an idle line.
To clear IDLE, read SCIxS1 with IDLE = 1 and then read the SCI data register (SCIxD). After IDLE
has been cleared, it cannot become set again until after a new character has been received and RDRF
has been set. IDLE will get set only once even if the receive line remains idle for an extended period.
1 = Idle line was detected.
0 = No idle line detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com