| データシートサーチシステム |
|
MPC8250VR データシート(PDF) 31 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8250VR データシート(HTML) 31 Page - Freescale Semiconductor, Inc |
|
31 / 60 page ![]() MPC8250 Hardware Specifications, Rev. 1 Freescale Semiconductor 31 Pinout Figure 14 shows the side profile of the TBGA package to indicate the direction of the top surface view. Figure 14. Side View of the TBGA Package Table 19 shows the pinout list of the ZU package of the MPC8250. Table 20 defines conventions and acronyms used in Table 19. Table 19. MPC8250 ZU Package Pinout List Pin Name Ball BR W5 BG F4 ABB/IRQ2 E2 TS E3 A0 G1 A1 H5 A2 H2 A3 H1 A4 J5 A5 J4 A6 J3 A7 J2 A8 J1 A9 K4 A10 K3 A11 K2 A12 K1 A13 L5 A14 L4 A15 L3 A16 L2 A17 L1 Soldermask Copper Traces Die Copper Heat Spreader (Oxidized for Insulation) 1.27 mm Pitch Glob-Top Dam Wire Bonds Etched Pressure Sensitive Die Glob-Top Filled Area Polymide Tape Cavity Adhesive Attach View |