データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MPC8280CVRI データシート(PDF) 47 Page - Freescale Semiconductor, Inc

部品番号 MPC8280CVRI
部品情報  PowerQUICC II??Family Hardware Specifications
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280CVRI データシート(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button MPC8280CVRI Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8280CVRI Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8280CVRI Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8280CVRI Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8280CVRI Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8280CVRI Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8280CVRI Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8280CVRI Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8280CVRI Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 80 page
background image
MPC8280 PowerQUICC II™ Family Hardware Specifications, Rev. 1.7
Freescale Semiconductor
47
Pinout
D37
C8
D38
E7
D39
A3
D40
D18
D41
A17
D42
A14
D43
B12
D44
A10
D45
D8
D46
B6
D47
C4
D48
C18
D49
E16
D50
B14
D51
C12
D52
B10
D53
A7
D54
C6
D55
D5
D56
B18
D57
B16
D58
E14
D59
D12
D60
C10
D61
E8
D62
D6
D63
C2
DP0/RSRV/EXT_BR2
B22
IRQ1/DP1/EXT_BG2
A22
IRQ2/DP2/TLBISYNC/EXT_DBG2
E21
IRQ3/DP3/CKSTP_OUT/EXT_BR3
D21
IRQ4/DP4/CORE_SRESET/EXT_BG3
C21
IRQ5/CINT/DP5/TBEN/EXT_DBG3
B21
Table 21. MPC8280 and MPC8270 (ZU Package) Pinout List (continued)
Pin Name
Ball
MPC8280/MPC8270
MPC8280 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80