| データシートサーチシステム |
|
MPX5100D データシート(PDF) 8 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPX5100D データシート(HTML) 8 Page - Freescale Semiconductor, Inc |
|
8 / 12 page ![]() PACKAGE DIMENSIONS PIN 1 F G N L R 12 34 5 6 6 PL D SEATING PLANE -T- M A M 0.136 (0.005) T POSITIVE PRESSURE (P1) C B M J S -A- STYLE 1: PIN 1. VOUT 2. GROUND 3. VCC 4. V1 5. V2 6. VEX STYLE 3: PIN 1. OPEN 2. GROUND 3. +VOUT 4. +VSUPPLY 5. -VOUT 6. OPEN STYLE 2: PIN 1. OPEN 2. GROUND 3. -VOUT 4. VSUPPLY 5. +VOUT 6. OPEN MAX MILLIMETERS INCHES 16.00 13.56 5.59 0.84 1.63 0.100 BSC 2.54 BSC 0.40 18.42 30˚ NOM 30˚ NOM 12.57 11.43 DIM A B C D F G J L M N R S MIN 0.595 0.514 0.200 0.027 0.048 0.014 0.695 0.475 0.430 0.090 MAX 0.630 0.534 0.220 0.033 0.064 0.016 0.725 0.495 0.450 0.105 MIN 15.11 13.06 5.08 0.68 1.22 0.36 17.65 12.07 10.92 2.29 2.66 NOTES: 1. 2. 3. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. CONTROLLING DIMENSION: INCH. DIMENSION -A- IS INCLUSIVE OF THE MOLD STOP RING. MOLD STOP RING NOT TO EXCEED 16.00 (0.630). CASE 867-08 ISSUE N UNIBODY PACKAGE SEATING PLANE R N C J PIN 1 M Q M 0.25 T B 6X D G F S K V S P M 0.173 Q S T L U A 1 2 34 5 6 T P P Q Q STYLE 1: PIN 1. VOUT 2. GROUND 3. VCC 4. V1 5. V2 6. VEX MILLIMETERS 2.54 BSC 23.11 BSC DIM A B C D F G J K L N P Q R S U V MIN 29.08 17.4 7.75 0.68 1.22 0.36 17.65 7.37 10.67 3.89 3.89 5.84 5.59 4.62 MAX 29.85 18.16 8.26 0.84 1.63 0.41 18.42 7.62 11.18 4.04 4.04 6.35 6.1 4.93 NOTES: 1. 2. DIMENSIONS ARE IN MILLIMETERS. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. CASE 867B-04 ISSUE F UNIBODY PACKAGE MPX5100 Sensors 8 Freescale Semiconductor |