| データシートサーチシステム |
|
MPX5100D データシート(PDF) 9 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPX5100D データシート(HTML) 9 Page - Freescale Semiconductor, Inc |
|
9 / 12 page ![]() PACKAGE DIMENSIONS NOTES: 1. 2. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994. CONTROLLING DIMENSION: INCH. R X 12 3 4 5 6 PORT #2 VACUUM (P2) PORT #1 POSITIVE PRESSURE (P1) PORT #1 POSITIVE PRESSURE (P1) PIN 1 PORT #2 VACUUM (P2) SEATING PLANE SEATING PLANE -T- -T- P G C J N B F D 6 PL W V L U S K -Q- -A- M Q M 0.25 (0.010) T M A M 0.13 (0.005) STYLE 1: PIN 1. VOUT 2. GROUND 3. VCC 4. V1 5. V2 6. VEX DIM MIN MAX MIN MAX MILLIMETERS INCHES A 1.145 1.175 29.08 29.85 B 0.685 0.715 17.40 18.16 C 0.405 0.435 10.29 11.05 D 0.027 0.033 0.68 0.84 F 0.048 0.064 1.22 1.63 G 0.100 BSC 2.54 BSC J 0.014 0.016 0.36 0.41 K 0.695 0.725 17.65 18.42 L 0.290 0.300 7.37 7.62 N 0.420 0.440 10.67 11.18 P 0.153 0.159 3.89 4.04 Q 0.153 0.159 3.89 4.04 R 0.063 0.083 1.60 2.11 S U 0.910 BSC 23.11 BSC V 0.182 0.194 4.62 4.93 W 0.310 0.330 7.87 8.38 X 0.248 0.278 6.30 7.06 0.220 0.240 5.59 6.10 CASE 867C-05 ISSUE F UNIBODY PACKAGE C E V J PORT #1 POSITIVE PRESSURE (P1) -T- -P- M Q M 0.25 (0.010) T D 6 PL F G K PIN 1 U A B R S N -Q- S P M 0.13 (0.005) Q S T 65 4 3 2 1 STYLE 1: PIN 1. VOUT 2. GROUND 3. VCC 4. V1 5. V2 6. VEX MILLIMETERS INCHES 0.100 BSC 2.54 BSC DIM A B C D E F G J K N P Q R S U V MIN 1.080 0.740 0.630 0.027 0.160 0.048 0.014 0.070 0.150 0.150 0.440 0.695 0.840 0.182 0.220 MAX 1.120 0.760 0.650 0.033 0.180 0.064 0.016 0.080 0.160 0.160 0.460 0.725 0.860 0.194 0.240 MIN 27.43 18.80 16.00 0.68 4.06 1.22 0.36 1.78 3.81 3.81 11.18 17.65 21.34 4.62 5.59 MAX 28.45 19.30 16.51 0.84 4.57 1.63 0.41 2.03 4.06 4.06 11.68 18.42 21.84 4.93 6.10 NOTES: 1. 2. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. CONTROLLING DIMENSION: INCH. CASE 867F-03 ISSUE D UNIBODY PACKAGE MPX5100 Sensors Freescale Semiconductor 9 |