データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

XRT79L71IB データシート(PDF) 8 Page - Exar Corporation

部品番号 XRT79L71IB
部品情報  1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EXAR [Exar Corporation]
ホームページ  http://www.exar.com
Logo EXAR - Exar Corporation

XRT79L71IB データシート(HTML) 8 Page - Exar Corporation

Back Button XRT79L71IB Datasheet HTML 4Page - Exar Corporation XRT79L71IB Datasheet HTML 5Page - Exar Corporation XRT79L71IB Datasheet HTML 6Page - Exar Corporation XRT79L71IB Datasheet HTML 7Page - Exar Corporation XRT79L71IB Datasheet HTML 8Page - Exar Corporation XRT79L71IB Datasheet HTML 9Page - Exar Corporation XRT79L71IB Datasheet HTML 10Page - Exar Corporation XRT79L71IB Datasheet HTML 11Page - Exar Corporation XRT79L71IB Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 109 page
background image
XRT79L71
5
1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE
REV. 1.0.0
1.0
REGISTER MAP/DESCRIPTION OF THE XRT79L71 1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-
CHANNEL FRAMER WITH LIU IC (SEE 79L71-REGISTER/MAP-DESC.PDF)
2.0
PIN DESCRIPTIONS
PIN DESCRIPTIONS
PIN #
NAME
TYPE
DESCRIPTION
MICROPROCESSOR INTERFACE
F16
F15
F14
F13
G16
G15
G14
G13
C16
D15
D16
E16
E15
E14
E13
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
I
Address Bus Input pins Microprocessor Interface:
These pins permit the Microprocessor to identify on-chip registers and Buffer/Mem-
ory locations within the XRT79L71 whenever it performs READ and WRITE opera-
tions with the XRT79L71.
D11
C12
B13
A14
D12
C13
B14
A15
D0
D1
D2
D3
D4
D5
D6
D7
I/O
Bi-Directional Data Bus pins Microprocessor Interface:
These pins are used to drive and receive data over the bi-directional data bus, when-
ever the Microprocessor performs READ or WRITE operations with the Microproces-
sor Interface of the XRT79L71.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More