| データシートサーチシステム |
|
XRT79L71IB データシート(PDF) 83 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT79L71IB データシート(HTML) 83 Page - Exar Corporation |
|
83 / 109 page ![]() XRT79L71 80 REV. 1.0.0 1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR-CHANNEL FRAMER IC - HARDWARE A more detailed description of each of these registers will be presented in the corresponding sections describing the Receive DS3/E3 Framer, Transmit DS3/E3 Framer or Receive PLCP Processor Blocks. 5.0 REGISTER MAP/DESCRIPTION OF THE XRT79L71 1-CHANNEL DS3/E3 ATM UNI/PPP/CLEAR- CHANNEL FRAMER WITH LIU IC (SEE 79L71-REGISTER/MAP-DESC.PDF) 6.0 PIN DESCRIPTIONS (SEE 79L71-HARDWARE-MANUAL.PDF) 7.0 ELECTRICAL CHARACTERISTICS (SEE 79L71-HARDWARE-MANUAL.PDF) 8.0 MICROPROCESSOR INTERFACE (SEE 79L71-HARDWARE-MANUAL.PDF) 9.0 ARCHITECTURAL/FUNCTIONAL DESCRIPTION OF THE XRT79L71 1-CHANNEL DS3/E3 ATM UNI/ PPP/CLEAR-CHANNEL FRAMER WITH LIU IC - CLEAR CHANNEL FRAMER AND HIGH-SPEED HDLC CONTROLLER MODE APPLICATIONS (SEE 79L71-CC-ARC-DESC.PDF) 1 Transmit DS3/E3 Framer Block Interrupt Sta- tus TxDS3 FEAC Configuration & Status Regis- ter 0x1131 TxDS3/E3 LAPD Status/Interrupt Register 0x1134 0 One Second Interrupt Status NONE - Cause of Interrupt was One Second Interrupt **** TABLE 6: INTERRUPT SERVICE ROUTINE GUIDE FOR THE DS3/E3 FRAMER BLOCK BIT NUMBER ASSERTED IN REGISTER BIT-FIELD NAME NEXT REGISTER TO READ WITHIN INTERRUPT SERVICE ROUTINE ADDRESS LOCATION OF NEXT REGISTER |