| データシートサーチシステム |
|
SP7663EB データシート(PDF) 9 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP7663EB データシート(HTML) 9 Page - Sipex Corporation |
|
9 / 16 page ![]() Mar12-07 RevD SP7663 Evaluation Board Manual ©2007 Sipex Corp. Page 9 of 16 TYPE II LOOP COMPENSATION DESIGN Type II compensation is specifically used when an Electrolytic or Tantalum output capacitor is chosen at the converter output due to its low cost. In that case, the zero caused by the output capacitor ESR is within a few kHz and this is of course greatly simplifying the voltage loop compensation design. By adding an additional zero in the compensation loop before the first pole, the voltage loop bandwidth is extended with a 90º phase boost and hence the overall transient response time is improved. Most previous guidelines for calculating the component values for Type III compensation can be carries over for Type II except for the new Rz, Cz and Cp components. Note that RZ2, CZ2, CP1, RZ3, and CZ3 components are not required for the Type II Loop Compensation Design. Figure 10. Voltage Mode Control Loop with Loop Dynamic for Type II Compensation |