データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SP7663EB データシート(PDF) 10 Page - Sipex Corporation

部品番号 SP7663EB
部品情報  Evaluation Board Manual
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SIPEX [Sipex Corporation]
ホームページ  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7663EB データシート(HTML) 10 Page - Sipex Corporation

Back Button SP7663EB Datasheet HTML 6Page - Sipex Corporation SP7663EB Datasheet HTML 7Page - Sipex Corporation SP7663EB Datasheet HTML 8Page - Sipex Corporation SP7663EB Datasheet HTML 9Page - Sipex Corporation SP7663EB Datasheet HTML 10Page - Sipex Corporation SP7663EB Datasheet HTML 11Page - Sipex Corporation SP7663EB Datasheet HTML 12Page - Sipex Corporation SP7663EB Datasheet HTML 13Page - Sipex Corporation SP7663EB Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Mar12-07 RevD
SP7663 Evaluation Board Manual
©2007 Sipex Corp.
Page 10 of 16
As a particular example, consider for the following SP7663EB with a Type II
Voltage Loop Compensation component selections:
Input requirements and inductor selection
Vin = 5 to 13.5V
Vout = 3.30V @ 0 to 6A load
Select L = 1.5uH => yield ≈ 48% of maximum 6A output current ripple.
Select COUT = 330uF Tantalum capacitor (RESR ≈ 35mΩ
Ω
Ω
Ω
)
fs = 600kHz SP7663 Internal Oscillator Frequency
VRAMP_PP = 1.0V SP7663 internal Ramp Peak-to-Peak Amplitude
Step-by-step design procedures:
Choose
fs/10
fco =
60Khz
600Khz/10
fco
=
=
Calculate fp_LC, the double pole frequency of the filter
)
C
L
(
2
1
fp_LC
⋅
=
π
Khz
2
.
7
153
.
7
330
5
.
1
2π
1
fp_LC
≈
=
⋅
⋅
=
Khz
uF
uH
Calculate fz_ESR, the ESR zero frequency
Cout
Cesr
2π
1
fz_ESR
⋅
⋅
=
hz
Khz
µF
m
π
ESR
fz
Κ
≈
=
⋅
⋅
=
14
77
.
13
)
330
(
)
35
(
2
1
_
Select R1 component value such that 50kΩ ≤ R1 ≤ 100kΩ
R1 = 68.1kΩ, 1%
Note: Type II Loop Compensation component calculations discussed in this
section are further elaborated in the application note #ANP18, “Selecting
Appropriate Compensation: Type-II or Type-III”.
These calculations shown here can be quickly iterated with the Type III
Loop Compensation Calculator on the web at:
http://www.sipex.com/files/ApplicationNotes/Copy%20of%20Type%20II%20calculator5.xls



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16