| データシートサーチシステム |
|
IRFS4410ZPBF データシート(PDF) 3 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRFS4410ZPBF データシート(HTML) 3 Page - International Rectifier |
|
3 / 11 page ![]() IRF/B/S/SL4410ZPbF www.irf.com 3 Fig 1. Typical Output Characteristics Fig 3. Typical Transfer Characteristics Fig 4. Normalized On-Resistance vs. Temperature Fig 2. Typical Output Characteristics Fig 6. Typical Gate Charge vs. Gate-to-Source Voltage Fig 5. Typical Capacitance vs. Drain-to-Source Voltage 0.1 1 10 100 VDS, Drain-to-Source Voltage (V) 1 10 100 1000 VGS TOP 15V 10V 8.0V 6.0V 5.5V 5.0V 4.8V BOTTOM 4.5V ≤60µs PULSE WIDTH Tj = 25°C 4.5V 0.1 1 10 100 VDS, Drain-to-Source Voltage (V) 1 10 100 1000 4.5V ≤60µs PULSE WIDTH Tj = 175°C VGS TOP 15V 10V 8.0V 6.0V 5.5V 5.0V 4.8V BOTTOM 4.5V 0 2040 6080 100 QG, Total Gate Charge (nC) 0.0 2.0 4.0 6.0 8.0 10.0 12.0 VDS= 80V VDS= 40V VDS= 20V ID= 58A 2 3 4 5 6 7 VGS, Gate-to-Source Voltage (V) 0.1 1 10 100 1000 TJ = 25°C TJ = 175°C VDS = 50V ≤60µs PULSE WIDTH -60 -40 -20 0 20 40 60 80 100120140160180 TJ , Junction Temperature (°C) 0.5 1.0 1.5 2.0 2.5 ID = 58A VGS = 10V 1 10 100 VDS, Drain-to-Source Voltage (V) 100 1000 10000 100000 VGS = 0V, f = 1 MHZ Ciss = Cgs + Cgd, C ds SHORTED Crss = Cgd Coss = Cds + Cgd Coss Crss Ciss |