| データシートサーチシステム |
|
IRFS4410ZPBF データシート(PDF) 4 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRFS4410ZPBF データシート(HTML) 4 Page - International Rectifier |
|
4 / 11 page ![]() IRF/B/S/SL4410ZPbF 4 www.irf.com Fig 8. Maximum Safe Operating Area Fig 10. Drain-to-Source Breakdown Voltage Fig 7. Typical Source-Drain Diode Forward Voltage Fig 11. Typical COSS Stored Energy Fig 9. Maximum Drain Current vs. Case Temperature Fig 12. Maximum Avalanche Energy vs. DrainCurrent 25 50 75 100 125 150 175 TC , Case Temperature (°C) 0 20 40 60 80 100 Limited By Package -60 -40 -20 0 20 40 60 80 100120140160180 TJ , Temperature ( °C ) 90 95 100 105 110 115 120 125 Id = 5mA -10 0 10 20 30 40 50 60 70 80 90 100 VDS, Drain-to-Source Voltage (V) 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0.0 0.5 1.0 1.5 2.0 2.5 VSD, Source-to-Drain Voltage (V) 0.1 1 10 100 1000 TJ = 25°C TJ = 175°C VGS = 0V 0 1 10 100 VDS, Drain-to-Source Voltage (V) 1 10 100 1000 OPERATION IN THIS AREA LIMITED BY R DS(on) Tc = 25°C Tj = 175°C Single Pulse 100µsec 1msec 10msec DC 25 50 75 100 125 150 175 Starting TJ , Junction Temperature (°C) 0 100 200 300 400 500 600 700 800 900 1000 ID TOP 6.4A 9.4A BOTTOM 58A |