データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SST25VF040B データシート(PDF) 27 Page - Silicon Storage Technology, Inc

部品番号 SST25VF040B
部品情報  4 Mbit SPI Serial Flash
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SST [Silicon Storage Technology, Inc]
ホームページ  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF040B データシート(HTML) 27 Page - Silicon Storage Technology, Inc

Back Button SST25VF040B_07 Datasheet HTML 22Page - Silicon Storage Technology, Inc SST25VF040B_07 Datasheet HTML 23Page - Silicon Storage Technology, Inc SST25VF040B_07 Datasheet HTML 24Page - Silicon Storage Technology, Inc SST25VF040B_07 Datasheet HTML 25Page - Silicon Storage Technology, Inc SST25VF040B_07 Datasheet HTML 26Page - Silicon Storage Technology, Inc SST25VF040B_07 Datasheet HTML 27Page - Silicon Storage Technology, Inc SST25VF040B_07 Datasheet HTML 28Page - Silicon Storage Technology, Inc SST25VF040B_07 Datasheet HTML 29Page - Silicon Storage Technology, Inc SST25VF040B_07 Datasheet HTML 30Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
Data Sheet
4 Mbit SPI Serial Flash
SST25VF040B
27
©2007 Silicon Storage Technology, Inc.
S71295-02-000
7/07
PRODUCT ORDERING INFORMATION
Valid combinations for SST25VF040B
Note: Valid combinations are those products in mass production or will be in mass production. Consult your SST sales
representative to confirm availability of valid combinations and to determine availability of new combinations.
SST
25
VF
040 B
-
50
- 4C -
S2A F
XX
XXXXX X-
XX
-XX -
XXX X
Environmental Attribute
F1 = non-Pb / non-Sn contact (lead) finish:
Nickel plating with Gold top (outer) layer
Package Modifier
A = 8 leads or contacts
Package Type
S2 = SOIC 200 mil body width
S = SOIC 150 mil body width
Q = WSON
Temperature Range
C = Commercial = 0°C to +70°C
I = Industrial = -40°C to +85°C
Minimum Endurance
4 = 10,000 cycles
Operating Frequency
50 = 50 MHz
Device Density
040 = 4 Mbit
Voltage
V = 2.7-3.6V
Product Series
25 = Serial Peripheral Interface flash memory
1. Environmental suffix “F” denotes non-Pb/non-SN solder.
SST non-Pb/non-Sn solder devices are “RoHS Compliant”.
SST25VF040B-50-4C-S2AF
SST25VF040B-50-4C-QAF
SST25VF040B-50-4C-SAF
SST25VF040B-50-4I-S2AF
SST25VF040B-50-4I-QAF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com