| データシートサーチシステム |
|
VOL-OCK5E-U-R データシート(PDF) 40 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
VOL-OCK5E-U-R データシート(HTML) 40 Page - 3M Electronics |
|
40 / 62 page ![]() 1.2 Fibre Cabling 1.2.1 Volition™ VF-45™ Tools and Consumables Description 38 Type/Order text Ref.-No. The VOL-0562 socket termination kit contains all the materials necessary to install VF-45 sockets onto duplex fibre optic cable. Cable and fibre strippers, polishing and socket assembly fixture and inspection viewer - all fit into a compact carrying case. The termi- nation kit works in concert with the ‘snap together’ design of the socket to eliminate many of the steps and much of the labour associated with traditional fibre optic terminations. With the VF-45 socket termination kit, you can complete fibre installations faster and easier; duplex fibre terminations can be completed in less than two minutes. VF-45 Tools and Consumables Tool Pouch VOL-0562M PU: 1 MOQ: 1 Microscope, dual light VOL-0563M PU: 1 pc MOQ: 1 pc Polishing Station Sub Assembly VOL-0562H PU: 1 pc MOQ: 1 pc VF-45 Quick Install VOL-0563 Termination Kit, complete with 100x dual light microscope PU: 1pc MOQ: 1pc Microscope 100x Polishing Station Volition™ VF-45™ Quick Install Termination Kit with ™ VF-45™ Socket |