| データシートサーチシステム |
|
VOL-OCK5E-U-R データシート(PDF) 17 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
VOL-OCK5E-U-R データシート(HTML) 17 Page - 3M Electronics |
|
17 / 62 page ![]() 1 15 1.1 Copper Cabling 1.1.2 Volition™ RJ45 Giga Jacks Description Type/Order Text Ref.-No. RJ45 Giga Jacks The Giga Jack offers a tool-free termination in record time. All 8 copper conductors are effortlessly terminated in one simple opera- tion resulting in reliable interconnection. If a wiring mistake is made you can re-use your Giga Jack several times. With its reduced depth and the different faceplate options available, it integrates perfectly in all cable ducts or wall boxes, for enhanced cable bend radius control. Volition™ RJ45 Giga Jack, Cat 5e , UTP, light grey P28770AB 8 contacts PU: 8 pcs/bag MOQ: 12 bags Volition™ RJ45 Giga Jack, Cat 5e, FTP, light grey P28771AB 8 contacts and a ninth point to ensure the grounding continuity PU: 8 pcs/bag MOQ: 12 bags Volition™ RJ45 Giga Jack, Cat 5e, STP, P28772AB light grey and metallic shield 8 contacts, metallic nose and tinned bronze cover shielded by reversible metal cover. Supplied with a fixing collar PU: 8 pcs/bag MOQ: 12 bags Highlights •Tool free assembly • Choice of cable insertion orientation either from the top or bottom for enhancd cable bend radius control •Reuseable •Easy assembly • UTP, FTP or STP types available |