データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P1-25/EA/SVB データシート(PDF) 1 Page - Eaton All Rights Reserved.

部品番号 P1-25/EA/SVB
部品情報  Main�switchFlush�mounting
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EATON [Eaton All Rights Reserved.]
ホームページ  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

P1-25/EA/SVB データシート(HTML) 1 Page - Eaton All Rights Reserved.

  P1-25/EA/SVB Datasheet HTML 1Page - Eaton All Rights Reserved. P1-25/EA/SVB Datasheet HTML 2Page - Eaton All Rights Reserved. P1-25/EA/SVB Datasheet HTML 3Page - Eaton All Rights Reserved. P1-25/EA/SVB Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
02/17/2014
HPL-ED2013 V2.11 EN
1 / 4
Main￿switchFlush￿mounting
Part￿no.
P1-25/EA/SVB
Article￿no.
041097
Catalog￿No.
SP1-025-DMCRQ
Delivery￿programme
Product range
 
 
Switch-disconnectors T, P
Basic function
 
 
Main switches
Maintenance switches
Manual override switches
Part group reference
 
 
P1
Emergency STOP
 
 
as emergency switching off/
emergency stop function
 
 
 
With red rotary handle and yellow
locking ring
 
 
 
without auxiliary contacts
Contacts
 
 
auxiliary contact fitted by user
neutral conductor fitted by user
Main circuits
Poles
 
 
3
Auxiliary contacts
 
 
 
 
 
N/O
0
 
 
B
0
Locking facility
 
 
Lockable in the 0 (Off) position
Protection type
 
 
Front IP65
Design
 
 
main switch flush mounting
 
 
 
Contact sequence
 
 
Front plate no.
 
 
Bemessungsbetriebsleistung AC-23A,
50 - 60 Hz
 
 
 
400 V
P
kW
13
Rated uninterrupted current
Iu
A
25
Approvals
Product Standards
UL 508; CSA-C22.2 No. 14-05; IEC/EN 60947-3; CE marking
UL File No.
E36332
UL Category Control No.
NLRV
CSA File No.
12528
CSA Class No.
3211-05
North America Certification
UL listed, CSA certified
Suitable for
Branch circuits, suitable as motor disconnect
Degree of Protection
IEC: IP65; UL/CSA Type 3R, 12
General
Standards
 
 
IEC/EN 60947, VDE 0660, IEC/EN 60204, CSA, UL
Switch-disconnector according to IEC/EN 60947-3
NEMA3R, NEMA12
Climatic proofing
 
 
Damp heat, constant, to IEC 60068-2-78
Damp heat, cyclic, to IEC 60068-2-30


同様の部品番号 - P1-25/EA/SVB

メーカー部品番号データシート部品情報
logo
Eaton All Rights Reserv...
P1-25/EA/SVB-SW EATON-P1-25/EA/SVB-SW Datasheet
376Kb / 6P
Main switch, P1, 25 A, flush mounting, 3 pole, STOP function, With black rotary handle and locking ring, Lockable in the 0 (Off) position
06/29/2020
P1-25/EA/SVB-SW/N EATON-P1-25/EA/SVB-SW/N Datasheet
371Kb / 6P
Main switch, P1, 25 A, flush mounting, 3 pole N, STOP function, With black rotary handle and locking ring, Lockable in the 0 (Off) position
06/29/2020
P1-25/EA/SVB/N EATON-P1-25/EA/SVB/N Datasheet
334Kb / 6P
Main switch, 3 pole N, 25 A, Emergency-Stop function, Lockable in the 0 (Off) position, flush mounting
03/17/2016
More results

同様の説明 - P1-25/EA/SVB

メーカー部品番号データシート部品情報
logo
Siemens Semiconductor G...
BUZ14 SIEMENS-BUZ14 Datasheet
168Kb / 6P
main ratings
BUZ17 SIEMENS-BUZ17 Datasheet
172Kb / 6P
main ratings
BUZ201 SIEMENS-BUZ201 Datasheet
177Kb / 6P
main ratings
BUZ220 SIEMENS-BUZ220 Datasheet
174Kb / 6P
main ratings
BUZ221 SIEMENS-BUZ221 Datasheet
177Kb / 6P
main ratings
BUZ353 SIEMENS-BUZ353 Datasheet
181Kb / 6P
main ratings
BUZ63 SIEMENS-BUZ63 Datasheet
173Kb / 6P
main ratings
BUZ67 SIEMENS-BUZ67 Datasheet
154Kb / 6P
main ratings
logo
JILIN SINO-MICROELECTRO...
JCS5N60C JSMC-JCS5N60C Datasheet
1Mb / 12P
MAIN CHARACTERISTICS
logo
Eaton All Rights Reserv...
T0-6-8271-E EATON-T0-6-8271-E Datasheet
368Kb / 6P
Step￿switchFlush￿mounting
09/13/2013
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com