データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

P1-25/EA/SVB データシート(PDF) 2 Page - Eaton All Rights Reserved.

部品番号 P1-25/EA/SVB
部品情報  Main�switchFlush�mounting
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EATON [Eaton All Rights Reserved.]
ホームページ  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

P1-25/EA/SVB データシート(HTML) 2 Page - Eaton All Rights Reserved.

  P1-25/EA/SVB Datasheet HTML 1Page - Eaton All Rights Reserved. P1-25/EA/SVB Datasheet HTML 2Page - Eaton All Rights Reserved. P1-25/EA/SVB Datasheet HTML 3Page - Eaton All Rights Reserved. P1-25/EA/SVB Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
02/17/2014
HPL-ED2013 V2.11 EN
2 / 4
Ambient temperature
 
°C
 
Open
 
°C
-25 - +50
Enclosed
 
°C
-25 - +40
Overvoltage category/pollution degree
 
 
III/3
Rated impulse withstand voltage
Uimp
V
AC
6000
Mechanical shock resistance
 
g
15
Mounting position
 
 
As required
Protection against direct contact when actuated from front (EN 50274)
 
 
Finger and back-of-hand proof
Contacts
Mechanical variables
 
 
 
Main circuits
Poles
 
 
3
Auxiliary contacts
 
 
 
 
 
N/O
0
 
 
B
0
Electrical characteristics
 
 
 
Rated operational voltage
Ue
V
AC
690
Rated uninterrupted current
Iu
A
25
Note on rated uninterrupted current !u
 
 
Rated uninterrupted current Iu is specified for max. cross-section.
Load rating with intermittent operation, class 12
 
 
 
AB 25 % DF
 
x Ie
2
AB 40 % DF
 
x Ie
1.6
AB 60 % DF
 
x Ie
1.3
Short-circuit rating
 
 
 
Fuse
 
A
gG/
gL
25
Rated short-time withstand current (1 s current)
Icw
Arms
640
Note on rated short-time withstand current lcw
 
 
Current for a time of 1 second
Switching￿capacity
Bemessungsausschaltvermögen cos ϕ nach IEC 60947-3
 
A
 
230 V
 
A
190
400/415 V
 
A
150
500 V
 
A
170
690 V
 
A
150
Safe isolation to EN 61140
 
 
 
between the contacts
 
V
AC
440
Current heat loss per contact at Ie
 
W
1.1
Lifespan, mechanical
Operations
x
106
> 0.3
Maximum operating frequency
Operations/
h
 
1200
AC
 
 
 
AC-3
 
 
 
Rating, motor load switch
P
kW
 
220 V 230 V
P
kW
5.5
380 V 400 V
P
kW
7.5
400 V 415 V
P
kW
7.5
500 V
P
kW
7.5
690 V
P
kW
7.5
Bemessungsbetriebsstrom Motorschalter
 
 
 
230 V
Ie
A
19.6
400V 415 V
Ie
A
15.2
500 V
Ie
A
12.1
690 V
Ie
A
8.8



Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com