データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PL08-Q データシート(PDF) 9 Page - Omron Electronics LLC

部品番号 PL08-Q
部品情報  General-purpose Relays and Power Relays Sockets
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OMRON [Omron Electronics LLC]
ホームページ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PL08-Q データシート(HTML) 9 Page - Omron Electronics LLC

Back Button PL08-Q Datasheet HTML 5Page - Omron Electronics LLC PL08-Q Datasheet HTML 6Page - Omron Electronics LLC PL08-Q Datasheet HTML 7Page - Omron Electronics LLC PL08-Q Datasheet HTML 8Page - Omron Electronics LLC PL08-Q Datasheet HTML 9Page - Omron Electronics LLC PL08-Q Datasheet HTML 10Page - Omron Electronics LLC PL08-Q Datasheet HTML 11Page - Omron Electronics LLC PL08-Q Datasheet HTML 12Page - Omron Electronics LLC PL08-Q Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
246
General-purpose Relays and Power Relays
Sockets
Dimensions
Note: All units are in millimeters unless otherwise indicated.
■ P2RF
Dimensions
Terminal
arrangement/Internal
connections (top view)
Mounting holes (top view)
P2RF-05 (One pole)
Five, M3.5 x 8
71.5 max.
19.5 max.
54 max.
30 max.
4 dia.
4.2-dia. holes
M3 (M3 x 16)
or 3.5-dia. hole
Note: Track-mounting is also
possible.
9
P2RF-05-E (One pole)
M3.5 screw
85.5 max.
3.5-dia. holes
59 max.
48 max.
* When mounted on H3RN-1
@.
61 max.
(80.9 max.)*
Note: Figures in pa-
rentheses are
DIN standard
numbers.
Note: Track-mounting is also
possible.
M3 or 3.5-dia. holes
3.2-dia. holes
P2RF-08 (Two poles)
71.5 max.
19.5 max.
30 max.
54 max.
4 dia.
Eight, M3.5 x 8
Note: Track-mounting is also
possible.
4.2-dia. holes
M3 (M3 x 16)
or 3.5-dia. hole
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27