| データシートサーチシステム |
|
PL08-Q データシート(PDF) 22 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
PL08-Q データシート(HTML) 22 Page - Omron Electronics LLC |
|
22 / 27 page ![]() General-purpose Relays and Power Relays Sockets 259 Note: The key groove of PF083A and PF113A (used with MK Relays) are on the upside. ■ P2CF/PFA Dimensions Dimensions Terminal arrangement/ Internal connections (top view) Mounting holes PF202 101 max. Two, 4.5-dia. holes Two, M3 Relay mounting screws 33 max. 71 max. Two, M4 or 4.5-dia. holes Dimensions Terminal arrangement/ Internal connections (top view) Mounting holes P2CF-08 Eight, M3.5 x 7.5 sems screws 70 max. Two, 4.5-dia. holes 31.2 max. 50 max. Note: Track-mounting is avail- able. See page 245. Two, M4 or 4.5-dia. holes P2CF-11 Eleven, M3.5 x 7.5 sems screws 70 max. Two, 4.5-dia. holes 31.2 max. 50 max. Two, 4.5-dia. mounting holes Note: Track-mounting is avail- able. See page 245. |