データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TESEO-LIV3FL データシート(PDF) 17 Page - STMicroelectronics

部品番号 TESEO-LIV3FL
部品情報  Tiny low power GNSS module
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV3FL データシート(HTML) 17 Page - STMicroelectronics

Back Button TESEO-LIV3FL Datasheet HTML 13Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 14Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 15Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 16Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 17Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 18Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 19Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 20Page - STMicroelectronics TESEO-LIV3FL Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
13
Odometer
Teseo-LIV3FL receiver supports the odometer feature.
Odometer provides information on the traveled distance using only positioning information. Odometer can be
configured using specific odometer commands during the runtime.
While enabled the odometer reports the ground distance from the last reset.
Odometer is also able to raise an autonomous message alarm when a programmed distance is reached.
Detailed information is available on the Teseo-LIV3FL software user manual.
Teseo-LIV3FL
Odometer
DS13881 - Rev 4
page 17/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34