| データシートサーチシステム |
|
TESEO-LIV3FL データシート(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TESEO-LIV3FL データシート(HTML) 3 Page - STMicroelectronics |
|
3 / 34 page ![]() 8. Minimum level to get valid fix after reacquisition 9. 50% @ 30 m/s- linear path 10. 50% @0.5 g- shape path 11. CEP 50%, 24h static, roof antenna. 12. Verified the limit checking the fix availability 13. Special configuration for high dynamic scenario 14. ITAR limits 1.2 Block diagram Figure 1. Teseo-LIV3FL block schematic Teseo-LIV3FL Block diagram DS13881 - Rev 4 page 3/34 |