データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M28W320FCT10ZB6F データシート(PDF) 64 Page - STMicroelectronics

部品番号 M28W320FCT10ZB6F
部品情報  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320FCT10ZB6F データシート(HTML) 64 Page - STMicroelectronics

Back Button M28W320FCT10ZB6F Datasheet HTML 60Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 61Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 62Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 63Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 64Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 65Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 66Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 67Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 69 page
background image
Command interface and Program/Erase Controller state
M28W320FCT, M28W320FCB
64/69
Appendix D
Command interface and Program/Erase
Controller state
Table 32.
Write State Machine Current/Next, sheet 1 of 2.(1)
Current
State
SR
bit
7
Data
When
Read
Command Input (and Next State)
Read
Array
(FFh)
Program
Setup
(10/40h)
Erase
Setup
(20h)
Erase
Confirm
(D0h)
Prog/Ers
Suspend
(B0h)
Prog/Ers
Resume
(D0h)
Read
Status
(70h)
Clear
Status
(50h)
Read Array
“1”
Array
Read
Array
Prog.
Setup
Ers.
Setup
Read Array
Read
Sts.
Read
Array
Read Status
“1”
Status
Read
Array
Program
Setup
Erase
Setup
Read Array
Read Sts
Read
Array
Read
Elect.Sg.
“1”
Electronic
Signature
Read
Array
Program
Setup
Erase
Setup
Read Array
Read Sts
Read
Array
Read CFI
Query
“1”
CFI
Read
Array
Program
Setup
Erase
Setup
Read Array
Read Sts
Read
Array
Lock Setup
“1”
Status
Lock Command Error
Lock
(complete)
Lock Cmd
Error
Lock
(complete)
Lock Command Error
Lock Cmd
Error
“1”
Status
Read
Array
Program
Setup
Erase
Setup
Read Array
Read Sts
Read
Array
Lock
(complete)
“1”
Status
Read
Array
Program
Setup
Erase
Setup
Read Array
Read Sts
Read
Array
Prot. Prog.
Setup
“1”
Status
Protection Register Program
Prot. Prog.
(continue)
“0”
Status
Protection Register Program continue
Prot. Prog.
(complete)
“1”
Status
Read
Array
Program
Setup
Erase
Setup
Read Array
Read Sts
Read
Array
Prog. Setup
“1”
Status
Program
Program
(continue)
“0”
Status
Program (continue)
Prog. Sus
Read Sts
Program (continue)
Prog. Sus
Status
“1”
Status
Prog. Sus
Read
Array
Program Suspend to
Read Array
Program
(continue)
Prog. Sus
Read
Array
Program
(continue)
Prog.
Sus
Read Sts
Prog. Sus
Read
Array
Prog. Sus
Read Array
“1”
Array
Prog. Sus
Read
Array
Program Suspend to
Read Array
Program
(continue)
Prog. Sus
Read
Array
Program
(continue)
Prog.
Sus
Read Sts
Prog. Sus
Read
Array
Prog. Sus
Read
Elect.Sg.
“1”
Electronic
Signature
Prog. Sus
Read
Array
Program Suspend to
Read Array
Program
(continue)
Prog. Sus
Read
Array
Program
(continue)
Prog.
Sus
Read Sts
Prog. Sus
Read
Array
Prog. Sus
Read CFI
“1”
CFI
Prog. Sus
Read
Array
Program Suspend to
Read Array
Program
(continue)
Prog. Sus
Read
Array
Program
(continue)
Prog.
Sus
Read Sts
Prog. Sus
Read
Array
Program
(complete)
“1”
Status
Read
Array
Program
Setup
Erase
Setup
Read Array
Read Sts
Read
Array



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com