データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M28W320FCT10ZB6F データシート(PDF) 23 Page - STMicroelectronics

部品番号 M28W320FCT10ZB6F
部品情報  32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320FCT10ZB6F データシート(HTML) 23 Page - STMicroelectronics

Back Button M28W320FCT10ZB6F Datasheet HTML 19Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 20Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 21Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 22Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 23Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 24Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 25Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 26Page - STMicroelectronics M28W320FCT10ZB6F Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 69 page
background image
M28W320FCT, M28W320FCB
Command interface
23/69
Table 5.
Read Electronic Signature(1)
Code
Device
E
G
W
A0
A1
A2-A7
A8-A20
DQ0-DQ7
DQ8-DQ15
Manufacture.
Code
VIL
VIL
VIH
VIL
VIL
0
Don't Care
20h
00h
Device Code
M28W320FCT
VIL
VIL
VIH
VIH
VIL
0
Don't Care
BAh
88h
M28W320FCB
VIL
VIL
VIH
VIH
VIL
0
Don't Care
BBh
88h
1.
RP = VIH.
Table 6.
Read Block Lock Signature
Block Status
E
G
W
A0
A1
A2-A7
A8-A11
A12-A20
DQ0
DQ1
DQ2-DQ15
Locked Block
VIL
VIL
VIH
VIL
VIH
0
Don't Care Block Address
1
0
00h
Unlocked Block
VIL
VIL
VIH
VIL
VIH
0
Don't Care Block Address
0
0
00h
Locked-Down
Block
VIL
VIL
VIH
VIL
VIH
0
Don't Care Block Address
X(1)
100h
1.
A Locked-Down Block can be locked "DQ0 = 1" or unlocked "DQ0 = 0"; see Block Locking section.
Table 7.
Read Protection Register and Lock Register
Word
E
G
W
A0-
A7
A8-A20
DQ0
DQ1
DQ2
DQ3-
DQ7
DQ8-
DQ15
Lock
VIL
VIL
VIH
80h
Don't Care
Don't Care
OTP Prot.
data
Don't Care
See note(1)
Don't
Care
Don't Care
Unique ID 0
VIL
VIL
VIH
81h
Don't Care
ID data
ID data
ID data
ID data
ID data
Unique ID 1
VIL
VIL
VIH
82h
Don't Care
ID data
ID data
ID data
ID data
ID data
Unique ID 2
VIL
VIL
VIH
83h
Don't Care
ID data
ID data
ID data
ID data
ID data
Unique ID 3
VIL
VIL
VIH
84h
Don't Care
ID data
ID data
ID data
ID data
ID data
OTP 0
VIL
VIL
VIH
85h
Don't Care
OTP data
OTP data
OTP data
OTP
data
OTP data
OTP 1
VIL
VIL
VIH
86h
Don't Care
OTP data
OTP data
OTP data
OTP
data
OTP data
OTP 2
VIL
VIL
VIH
87h
Don't Care
OTP data
OTP data
OTP data
OTP
data
OTP data
OTP 3
VIL
VIL
VIH
88h
Don't Care
OTP data
OTP data
OTP data
OTP
data
OTP data
OTP 4
VIL
VIL
VIH
89h
Don't Care
OTP data
OTP data
OTP data
OTP
data
OTP data
OTP 5
VIL
VIL
VIH
8Ah
Don't Care
OTP data
OTP data
OTP data
OTP
data
OTP data
OTP 6
VIL
VIL
VIH
8Bh
Don't Care
OTP data
OTP data
OTP data
OTP
data
OTP data
OTP 7
VIL
VIL
VIH
8Ch
Don't Care
OTP data
OTP data
OTP data
OTP
data
OTP data
1.
DQ2 in the Protection Lock Register must not be programmed to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com